Part Number Hot Search : 
LB1263AR N7002 16008 4ADR2 27C64 ADF7242 C8248 150ML
Product Description
Full Text Search
 

To Download AP3P090N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AP3P090N advanced power p-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss -30v small package outline r ds(on) 90m surface mount device i d 3 -3.1a rohs compliant & halogen-free description absolute maximum ratings@ t j =25 o c(unless otherwise specified) symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 100 /w -55 to 150 thermal data parameter total power dissipation 3 operating junction temperature range storage temperature range halogen-free product drain current 3 , v gs @ 10v -2.5 pulsed drain current 1 -12 parameter drain-source voltage gate-source voltage drain current 3 , v gs @ 10v 201704101 1 rating - 30 + 20 -3.1 -55 to 150 1.25 d g s sot-23s g d s ap3p090 series are from advanced power innovated design and silicon process technology to achieve the lowest possible on-resistance and fast switching performance. it provides the designer with an extreme efficient device for use in a wide range of power applications. the sot-23s package is widely preferred for commercial- industrial surface mount applications and suited for low voltage applications such as dc/dc converters. .
AP3P090N electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -30 - - v r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-2.8a - - 90 m v gs =-4.5v, i d =-2a - - 150 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-2a - 6 - s i dss drain-source leakage current v ds =-24v, v gs =0v - - -10 ua i gss gate-source leakage v gs = + 20v, v ds =0v - - + 100 na q g total gate charge i d =-2a - 6.5 - nc q gs gate-source charge v ds =-15v - 1.5 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 2.5 - nc t d(on) turn-on delay time v ds =-15v - 8 - ns t r rise time i d =-1a - 7 - ns t d(off) turn-off delay time r g =3.3 -25- ns t f fall time v gs =-10v - 10 - ns c iss input capacitance v gs =0v - 600 - pf c oss output capacitance v ds =-15v - 100 - pf c rss reverse transfer capacitance f=1.0mhz - 70 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-2a, v gs =0v - 14 - ns q rr reverse recovery charge di/dt=-100a/s - 5 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10s ; 300 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 .
AP3P090N 65m fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature 2.01e+08 fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -2.8a v gs = -10v 0 4 8 12 16 20 0123456 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -6.0v -5.0v v g = -4.0v 0 2 4 6 8 10 12 012345 -v ds , drain-to-source voltage (v) -i d , drain current (a) -10v -7.0v -6.0v -5.0v v g = -4.0v t a = 150 o c 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) i d = -250ua 40 50 60 70 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -2a t a =25 o c .
AP3P090N 65m fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fi g 10. effective transient thermal im p edance fig 11. drain current v.s. ambient fig 12. transfer characteristics temperature 4 0 2 4 6 8 024681012 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -2a v ds = -15v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse p dm duty factor = t/t peak t j = p dm x r thja + t a t t rthja = 300 /w 0 200 400 600 800 1000 1200 1 5 9 13172125293337 -v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.02 0 1 2 3 4 5 25 50 75 100 125 150 t a , ambient temperature ( o c ) -i d , drain current (a) operation in this area limited by r ds(on) 0 2 4 6 8 10 12 012345 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds = -10v t j = -55 o c .
AP3P090N fig 13. normalized bv dss v.s. junction fig 14. total power dissipation temperature fig 15. typ. drain-source on state resistance 5 0 0.4 0.8 1.2 1.6 0 50 100 150 t a , ambient temperature( o c) p d , power dissipation(w) 0 0.4 0.8 1.2 1.6 2 -100 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss i d = -1ma 40 80 120 160 200 240 024681012 -i d , drain current (a) r ds(on) (m ) t j =25 o c -4.5v v gs = -10v .
AP3P090N marking information 6 part number : a22 a22ss date code : ss ss:2004,2008,2012,2016,2020... ss :2003,2007,2011,2015,2019... s s:2002,2006,2010,2014,2018... ss :2001,2005,2009,2013,2017... .


▲Up To Search▲   

 
Price & Availability of AP3P090N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X